|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model 2035 Miniature Double Banana Shorting Bar Plug FEATURES: Provides a quick and easy means of shorting two inputs of a miniature double banana jack. The plug to plug and jack to jack dimension is .500" (12,70mm) which is typical for double miniature banana plugs/jacks. ABS body provides insulation protection to the user. Shorting adapter has double miniature jacks at the topside for stacking capability. MATERIALS: Miniature Double Banana Jack Body: Gold Plated Brass Miniature Double Banana Plug Body: Gold Plated Brass Spring: Gold Plated Beryllium Copper Insulation: ABS molded to banana plug and jack bodies RATINGS: Operating Voltage: Hands free usage in controlled voltage environments: 2500 Vrms maximum. For CE compliance: not intended for hand-held use at voltages above 33 Vrms/70 Vdc. Current: 5 Amperes Operating Temperature: +122F (+50C) Max. ORDERING INFORMATION: Model 2035-0 (Black) Model 2035-2 (Red) All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com) For "Where to Buy" information, visit the Pomona web site at www.pomonaelectronics.com Rev: 100 D1093742 Page 1 of 1 |
Price & Availability of 2035 |